Part Number Hot Search : 
G5U1118 WL102B 225NY 15M75 LTC31 001SMB LCE17A 1N6303
Product Description
Full Text Search
 

To Download BCP51 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCP51...BCP53
PNP Silicon AF Transistors
For AF driver and output stages High collector current Low collector-emitter saturation voltage Complementary types: BCP54...BCP56 (NPN)

4
3 2 1
VPS05163
Type BCP51 BCP51-10 BCP51-16 BCP52 BCP52-10 BCP52-16 BCP53 BCP53-10 BCP53-16
Marking BCP 51 1=B BCP 51-10 1 = B BCP 51-16 1 = B BCP 52 1=B BCP 52-10 1 = B BCP 52-16 1 = B BCP 53 1=B BCP 53-10 1 = B BCP 53-16 1 = B
Pin Configuration 2=C 2=C 2=C 2=C 2=C 2=C 2=C 2=C 2=C 3=E 3=E 3=E 3=E 3=E 3=E 3=E 3=E 3=E 4=C 4=C 4=C 4=C 4=C 4=C 4=C 4=C 4=C
Package SOT223 SOT223 SOT223 SOT223 SOT223 SOT223 SOT223 SOT223 SOT223
1
Nov-29-2001
BCP51...BCP53
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector-emitter voltage RBE 1k Symbol VCEO VCER VCBO VEBO BCP51 45 45 45 5 BCP52 60 60 60 5 BCP53 80 100 100 5 Unit V
DC collector current Peak collector current Base current Peak base current Total power dissipation, TS = 124 C Junction temperature Storage temperature
Thermal Resistance Junction - soldering point1) RthJS
1For calculation of R thJA please refer to Application Note Thermal Resistance
IC ICM IB IBM Ptot Tj Tstg
1 1.5 100 200 1.5 150 -65 ... 150
A mA W C
17
K/W
2
Nov-29-2001
BCP51...BCP53
Electrical Characteristics at TA = 25C, unless otherwise specified. Parameter Symbol Values min. DC Characteristics Collector-emitter breakdown voltage IC = 10 mA, IB = 0 V(BR)CEO typ. max.
Unit
V 45 60 80 100 20 nA A -
BCP51 BCP52 BCP53
Collector-base breakdown voltage IC = 100 A, IE = 0
V(BR)CBO
BCP51 BCP52 BCP53
45 60 100
V(BR)EBO ICBO ICBO hFE hFE
Emitter-base breakdown voltage IE = 10 A, IC = 0 Collector cutoff current VCB = 30 V, IE = 0 Collector cutoff current VCB = 30 V, IE = 0 , TA = 150 C DC current gain 1) IC = 5 mA, VCE = 2 V DC current gain 1) IC = 150 mA, VCE = 2 V
5 25
BCP51...53 hFE-grp.10 hFE-grp.16
40 63 100
hFE VCEsat VBE(ON)
100 160 -
250 160 250 0.5 1 V
DC current gain 1)
IC = 500 mA, VCE = 2 V Collector-emitter saturation voltage1) IC = 500 mA, IB = 50 mA Base-emitter voltage 1) IC = 500 mA, VCE = 2 V
25 -
AC Characteristics Transition frequency IC = 50 mA, VCE = 10 V, f = 100 MHz
1) Pulse test: t =300s, D = 2%
fT
-
125
-
MHz
3
Nov-29-2001
BCP51...BCP53
Total power dissipation Ptot = f(TS)
Transition frequency fT = f (IC)
VCE = 10V
10 3 MHz fT 5
BCP 51...53 EHP00260
1.6
W
1.2
P tot
1
0.8
10 2
0.6
5
0.4
0.2
0 0
20
40
60
80
100
120 C
150
10 1
10 0
10 1
10 2
mA
10 3
TS
C
DC current gain hFE = f (IC) VCE = 2V
BCP 51...53 EHP00261
Collector cutoff current ICBO = f (T A)
VCB = 30V
BCP 51...53 EHP00262
10 3 h FE 5
10 4
CBO
100 C 25 C -50 C
nA 10 3 max
10 5
2
10 2
10 1
typ
10 1 5
10 0
10 0 0 10
10
1
10
2
10
3
mA 10
4
10 -1
0
50
100
C TA
150
C
4
Nov-29-2001
BCP51...BCP53
Base-emitter saturation voltage
IC = f (VBEsat ), hFE = 10
BCP 51...53 EHP00263
Collector-emitter saturation voltage
IC = f (VCEsat), h FE = 10
BCP 51...53 EHP00264
10 4
10 4
C
mA 10 3 100 C 25 C -50C
C
mA 10 3 5 100 C 25 C -50 C
10 2
10 2 5
10 1
10 1 5
10 0
0
0.2
0.4
0.6
0.8
V V BEsat
1.2
10 0
0
0.2
0.4
0.6
V V CEsat
0.8
Permissible pulse load
Ptotmax / PtotDC = f (tp )
BCP 51...53 EHP00265
5 Ptot max Ptot DC 10 2 5
D=
tp T
tp T
10 1 5
D= 0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
10 0 10 -6
10 -5
10 -4
10 -3
10 -2 tp
s
10 0
5
Nov-29-2001


▲Up To Search▲   

 
Price & Availability of BCP51

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X